Part Number Hot Search : 
C4050 PEB24902 MT9160BN TC13003 FX836 B1160C LA9201M CXG1013N
Product Description
Full Text Search
 

To Download R4008AND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet R4008AND ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) high-speed switching. 3) wide soa. 4) drive circuits can be simple. 5) parallel use is easy. ? application switching ? packaging specifications ? inner circuit package taping code tl basic ordering unit (pieces) 2500 R4008AND ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 400 v gate-source voltage v gss ? 30 v continuous i d ? 8a ? 32 ? 48 continuous i s 8a 32 48 avalanche current i as 4a avalanche energy e as 4.3 mj power dissipation p d 20 w channel temperature t ch 150 ? c range of storage temperature t stg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 pw 1 ? s, duty cycle 1% limited by safe operating area.(v ds 30v) *3 l 500 ? h, v dd =50v, r g =25 ? , t ch =25 ? c *4 limited only by maximum temperature allowed. *5 t c =25 ? c ? thermal resistance symbol limits unit channel to case r th (ch-c) 6.25 ? c / w parameter a a i dp i sp type source current (body diode) drain current parameter pulsed pulsed cpt3 (sc-63) 6.5 2.3 (2) (3) 0.65 0.9 (1) 0.75 2.30.9 5.1 1.5 5.5 2.3 0.5 1.0 0.5 9.5 2.5 0.8min. 1.5 (1) gate (2) drain (3) source ? 1 body diode *5 *3 *3 *4 *1 *1 *2 *2 *4 (1) (3) (2) ?1 (1) gate (2) drain (3) source 1/5 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
R4008AND ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = ? 30v, v ds =0v drain-source breakdown voltage v (br)dss 400 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss - - 100 ? av ds =400v, v gs =0v gate threshold voltage v gs (th) 2.5 - 4.5 v v ds =10v, i d =1ma forward transfer admittance l y fs l2 - - sv ds =10v, i d =4a input capacitance c iss - 500 - pf v ds =25v output capacitance c oss - 280 - pf v gs =0v reverse transfer capacitance c rss - 25 - pf f=1mhz turn-on delay time t d(on) - 20 - ns v dd 200v, i d =4a rise time t r - 20 - ns v gs =10v turn-off delay time t d(off) - 48 - ns r l =50 ? fall time t f - 16 - ns r g =10 ? total gate charge q g - 15 - nc v dd 200v gate-source charge q gs - 3.5 - nc i d =8a gate-drain charge q gd -7-ncv gs =10v *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =8a, v gs =0v *pulsed 0.95 parameter conditions conditions ? parameter static drain-source on-state resistance r ds (on) i d =4a, v gs =10v - 0.73 * * * * * * * * * * 2/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R4008AND ? electrical characteristic curves 0 0.5 1 1.5 2 2.5 3 -50 0 50 100 150 v gs = 10v pulsed i d = 4.0a i d = 8.0a 0.01 0.1 1 10 100 1 10 100 1000 p w =100us p w =1ms p w =10ms operation in this area is limited by r ds(on) t a =25 pulsed fig.1 maximum safe operating aera drain - source voltage : v ds ( v ) drain current : i d (a) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs = 10.0 v v gs =6.0v v gs =7.0v v gs =5.0v v gs =4.5v v gs =8.0v v gs =6.5v t a =25 pulsed 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 8 9 10 drain current : i d [a] drain - source voltage : v ds [v] fig.3 typical output characteristics ( ) v gs =10.0v v gs =6.0v v gs =6.5v v gs =5.0v v gs =4.5v v gs =7.0v v gs =8.0v t a =25 pulsed 0.001 0.01 0.1 1 10 100 0 1 2 3 4 5 6 7 8 9 v ds = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.4 typical transfer characteristics gate - source voltage : v gs (v) drain current : i d (a) 0 1 2 3 4 5 6 -50 0 50 100 150 v ds = 10v i d = 1ma fig.5 gate threshold voltage vs. channel temperature channel temperature: t ch ( ) gate threshold voltage: v gs(th) (v) 0.1 1 10 0.1 1 10 100 v gs = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.6 static drain - source on - state resistance vs. drain current drain current : i d (a) static drain - source on - state resistance : r ds(on) ( ) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 i d = 4.0a i d = 8.0a t a =25 pulsed fig.7 static drain - source on - state resistance vs. gate source voltage gate - source voltage : v gs (v) static drain - source on - state resistance : r ds(on) ( ) fig.8 static drain - source on - state resistance vs. channel temperature channel temperature: t ch ( ) static drain - source on - state resistance : r ds(on) ( ) 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.9 forward transfer admittance vs. drain current drain current : i d (a) forward transfer admittance : |yfs| (s) 3/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R4008AND 0.01 0.1 1 10 100 0 0.5 1 1.5 v gs = 0v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.10 reverse drain current vs. sourse - drain voltage source - drain voltage : v sd (v) source current : i s (a) 1 10 100 1000 10000 0.1 1 10 100 1000 c iss c oss c rss ta= 25 f= 1mhz v gs = 0v fig.11 typical capacitance vs. drain - source voltage drain - source voltage : v ds (v) capacitance : c (pf) 0 5 10 15 0 5 10 15 20 ta= 25 c v dd = 200v i d = 8a r g = 10 pulsed fig.12 dynamic input characteristics total gate charge : q g (nc) gate - source voltage : v gs (v) 10 100 1000 0.1 1 10 100 ta= 25 di / dt= 100a / s v gs = 0v pulsed fig.13 reverse recovery time vs.source current source current : i s (a) reverse recovery time: t rr (ns) 1 10 100 1000 10000 0.01 0.1 1 10 switching time : t [ns] drain current : i d [a] fig.14 switching characteristics t d(on) t r t d(off) t f v dd ? 200v v gs =10v r g =10 w t a =25 pulsed 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 ta = 25 single pulse rth(ch - a)(t) = r(t) rth(ch - a) rth(ch - a) = 79.2 /w fig.15 normalized transient thermal resistance vs. pulse width pulse width : pw(s) normarized transient thermal resistance : r(t) 4/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R4008AND ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 f ig.2-1 gate charge measurement circuit v gs i g(const.) r g v d s d.u.t. i d r l v dd 5/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of R4008AND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X